Part Number Hot Search : 
MAX170 08500 MEGA168 FSYC055D 0460005 OPA733G 4SMAJ120 OPA733G
Product Description
Full Text Search
 

To Download TG470M1ATR050120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
FEATURES
*105C, 1000 hours assured. *Excellent temperature performance.
SPECIFICATIONS
Item Operating Temperature Range Capacitance Tolerance Rated Voltage Time Leakage Current (at 20C) Leakage Current 100V after 2 minutes I = 0.02CV or 3 ( A) Whichever is greater When C= rated capacitance in Dissipaton Factor Tan at 120 Hz, 20C Rated Voltage Tan (max) 6.3 10 16 0.17 CV 100 6.3 ~ 250V -40C ~ + 105C 20% (120Hz, 20C) >100V After 5 minutes CV >1000 I = 0.02CV +25 ( A) Performance 350V ~ 450V -25C ~ + 105C
I = 0.03CV +15 ( A)
F. V = rated DC woring voltage in V. 25 0.15 35 0.12 50 0.10 63 0.09 100 160 200 0.14 250 0.17 350 0.20 400 0.25 450 0.25
0.23 0.20
0.08 0.12
When the capacitance exceed 1000 F 0.02 shall be added every 1000
F increase.
Impedance ratio shall not exceed the values given in the table below Low Temperature Characteristics (at 120Hz) Impedance Ratio Rated Voltage Z(-25C) /Z(+20C) Z(-40C) /Z(+20C) Load Life Test at 20C (after rated voltage applied for 1000 hours at 105C) Test Time Capacitance Change Dissipation Factor Leakage Current D<16 D>16 D<16 D>16 6.3 4 6 8 12 1000 Hrs < 20% Less than 200% of specified value. Within specified value 10 3 4 6 10 16 3 4 6 8 25 2 3 4 8 35 2 3 4 8 50 2 3 3 8 63 2 3 3 6 100 2 3 3 6 Test Time Capacitance Change Dissipation Factor 6.3 ~ 100V 160 ~ 450V 1000 Hrs 20% Less than 200% of specified value Within specified value Less than 200% of specified value 70 1.78 85 1.40 105 1.00 4 8 10 160 3 200 6 250 8 350 12 400 14 450 16
Shelf Life Test at 20C (after rated voltage applied for 1000 hours
without voltage applied) Leakage Current
Freq. (Hz) Ripple Current & Frequency Multilpiers Cap. ( F) Under 100 220 to 1000 2200 up above Standards
60 0.70 0.75 0.80
120 1.00 1.00 1.00
500 1.30 1.20 1.10
1K 1.40 1.30 1.12
10K up 1.50 1.35 1.15
Riple Current & Temperature Multipliers
Temperature (C) Under 50 Multipliers 1.95
Satisfies Characteristic W of JIS C 5141
LEAD SPACING AND DIAMETER
D d 5 6.3 0.6 1.5 0.5 8 10 13 16 0.8 2.0 1.0 18 22 1.0 25
DIAGRAM
PART NUMBER EXAMPLE
TG 470 M 1A TR 050 120
C1CG02 REV 2001
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
DIMENSIONS AND PERMISSABLE RIPPLE CURRENT Dimension: DxL(mm) Ripple Current: mA/RMS at 120Hz 105C
VDC F 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 Code 0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 6.3 x 13 6.3 x 13 8 x 16 8 x 16 10 x 17 13 x 22 13 x 22 13 x 27 113 172 236 281 453 740 906 1168 5 x 12 6.3 x 13 6.3 x 13 8 x 16 8 x 16 10 x 17 13 x 22 13 x 27 16 x 27 77 121 185 253 302 486 793 1015 1252 5 x 12 6.3 x 13 6.3 x 13 8 x 13 8 x 16 10 x 17 10 x 21 13 x 27 16 x 27 16 x 37 73 93 145 231 323 359 569 926 1173 1443 5 x 12 6.3 x 13 6.3 x 13 8 x 13 8 x 16 10 x 17 10 x 21 13 x 22 16 x 27 16 x 33 18 x 42 63 78 99 166 246 345 432 662 1024 1300 1638 6.3 x 13 6.3 x 13 6.3 x 16 8 x 16 10 x 17 10 x 21 13 x 22 13 x 27 16 x 37 16 x 40 22 x 43 73 96 114 180 305 391 490 721 1177 1449 1878 6.3v(0J) DxL mA 10V(1A) DxL mA 16V(1C) DxL mA 25V(1E) DxL mA 35V(1V) DxL mA 50V(1H) DxL 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 6.3 x 13 6.3 x 13 8 x 16 10 x 17 10 x 21 13 x 22 13 x 22 16 x 33 18 x 40 22 x 43 mA 2 3.5 5 6 10 20 34 34 50 80 105 140 225 349 450 561 875 1408 1724 63V(1J) DxL 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 6.3 x 13 6.3 x 13 8 x 13 8 x 16 10 x 17 13 x 22 13 x 27 13 x 27 18 x 37 mA 3 4.5 7.5 9 15 30 32 36 56 90 123 162 248 420 495 632 984
VDC F 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 Code 0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102
100V (2A) DxL 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 5 x 12 6.3 x 13 6.3 x 13 8 x 16 10 x 17 10 x 21 13 x 22 13 x 27 13 x 36 16 x 32 18 x 40 mA 3 5 8 9 15 30 32 38 64 106 150 180 287 458 582 713 1096
160V(2C) DxL mA
200V(2D) DxL mA
250V(2E) DxL mA
350V(2V) DxL mA
400V(2G) DxL mA
450V(2W) DxL mA
6.3 x 13 6.3 x 13 8 x 16 8 x 16 10 x 17 13 x 22 13 x 22 13 x 27 16 x 33 18 x 42 22 x 43
7 15 21 31 60 121 154 198 345 586 632
6.3 x 16 8 x 16 8 x 16 8 x 16 10 x 21 13 x 22 13 x 27 16 x 32 16 x 37 22 x 43
9 16 26 33 66 121 167 214 368 609
6.3 x 16 8 x 16 8 x 20 10 x 17 10 x 21 13 x 27 16 x 27 16 x 33 18 x 43 22 x 43
12 17 31 38 72 126 178 241 391 632
8 x 16 8 x 20 8 x 20 10 x 21 13 x 22 13 x 27 16 x 33 16 x 42 22 x 43
13 19 33 44 77 132 186 253 402
8 x 16 10 x 21 10 x 21 13 x 22 13 x 27 16 x 37 16 x 42 22 x 43 25 x 52
15 23 36 46 82 143 201 402 448
8 x 16 10 x 21 10 x 21 13 x 22 13 x 27 16 x 37 16 x 42 22 x 43 25 x 52
15 23 36 46 82 143 201 402 448
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CG02 REV 2001


▲Up To Search▲   

 
Price & Availability of TG470M1ATR050120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X